Part Number Hot Search : 
P3NC60FP TA449XXW 020CT 16160 STLED316 CM160 03203 ND432025
Product Description
Full Text Search
 

To Download XLUBK11D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www .sunled.com published date : aug 25,2003 drawing no : xdsa2048 v2 checked : b.l.liu p.1/2 part number: XLUBK11D t-1 (3mm) solid state lamp absolute maximum ratings (t a =25c ) ) ) ) ubk (gan) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10duty cycle 0.1ms pulse width i fs 150 ma power dissipation p t 105 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 5 seconds operating characteristics (t a =25c ) ) ) ) ubk (gan) unit forward voltage (typ.) (i f =20ma) v f 4.0 v forward voltage (max.) (i f =20ma) v f 5.2 v reverse current (v r =5v) i r 10 ua wavelength at peak emission (i f =20ma) peak 430 nm wavelength at dominate emission (i f =20ma) d 466 nm spectral line half- width (i f =20ma) ? 60 nm capacitance (v f =0v, f=1mhz) c 100 pf part number emitting color emitting material lens-color luminous intensity (if=20ma) mcd wavelength nm p viewing angle 2 1/2 min. typ. XLUBK11D blue gan blue diffused 7 23 430 30 attention observe precautions for handling electrostatic discharge sensitive devices notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. features  low power consumption.  solid state blue light source.  suitable for full color led displays and indicators diagnostic/analytical equipment.
www .sunled.com published date : aug 25,2003 drawing no : xdsa2048 v2 checked : b.l.liu p.2/2 part number: XLUBK11D t-1 (3mm) solid state lamp    ubk


▲Up To Search▲   

 
Price & Availability of XLUBK11D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X